Part Number Hot Search : 
MZTTC112 AD8072 AP2306 BB83307 45TTR TOM12105 100UIT 2SA1643
Product Description
Full Text Search
 

To Download MAC223A6 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DISCRETE SEMICONDUCTORS
DATA SHEET
MAC223 series Triacs
Product specification July 2001
Philips Semiconductors
Product specification
Triacs
GENERAL DESCRIPTION
Passivated triacs in a plastic envelope, intended for use in applications requiring high bidirectional transient and blocking voltage capability and high thermal cycling performance. Typical applications include motor control, industrial and domestic lighting, heating and static switching.
MAC223 series
QUICK REFERENCE DATA
SYMBOL PARAMETER MAC223 VDRM IT(RMS) ITSM Repetitive peak off-state voltages RMS on-state current Non-repetitive peak on-state current MAX MAX. UNIT A6 400 25 230 A8 600 25 230 V A A
PINNING - TO220AB
PIN 1 2 3 tab DESCRIPTION main terminal 1
PIN CONFIGURATION
tab
SYMBOL
T2
main terminal 2 gate main terminal 2
1 23
T1
G
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134). SYMBOL PARAMETER CONDITIONS MAC223 VDRM IT(RMS) ITSM Repetitive peak off-state voltages RMS on-state current Non-repetitive peak on-state current I2t for fusing Repetitive rate of rise of on-state current after triggering full sine wave; Tmb 91 C full sine wave; Tj = 25 C prior to surge t = 20 ms t = 16.7 ms t = 10 ms ITM = 30 A; IG = 0.2 A; dIG/dt = 0.2 A/s T2+ G+ T2+ GT2- GT2- G+ -40 MIN. A6 4001 25 190 230 180 50 50 50 10 2 5 5 0.5 150 125 MAX. A8 6001 V A A A A2s A/s A/s A/s A/s A V W W C C UNIT
I2t dIT/dt
IGM VGM PGM PG(AV) Tstg Tj
Peak gate current Peak gate voltage Peak gate power Average gate power Storage temperature Operating junction temperature
over any 20 ms period
1 Although not recommended, off-state voltages up to 800V may be applied without damage, but the triac may switch to the on-state. The rate of rise of current should not exceed 15 A/s.
July 2001
2
Rev 1.000
Philips Semiconductors
Product specification
Triacs
THERMAL RESISTANCES
SYMBOL Rth j-mb Rth j-a PARAMETER CONDITIONS MIN. -
MAC223 series
TYP. 60
MAX. 1.0 1.4 -
UNIT K/W K/W K/W
Thermal resistance full cycle junction to mounting base half cycle Thermal resistance in free air junction to ambient
STATIC CHARACTERISTICS
Tj = 25 C unless otherwise stated SYMBOL IGT PARAMETER Gate trigger current CONDITIONS VD = 12 V; IT = 0.1 A T2+ G+ T2+ GT2- GT2- G+ T2+ G+ T2+ GT2- GT2- G+ T2+ T2MIN. 0.25 TYP. 6 10 11 23 8 30 18 15 7 12 1.3 0.7 0.4 0.1 MAX. 50 50 50 75 40 60 40 60 30 30 1.55 1.5 0.5 UNIT mA mA mA mA mA mA mA mA mA mA V V V mA
IL
Latching current
VD = 12 V; IGT = 0.1 A
IH VT VGT ID
Holding current On-state voltage Gate trigger voltage Off-state leakage current
VD = 12 V; IGT = 0.1 A
IT = 30 A VD = 12 V; IT = 0.1 A VD = 400 V; IT = 0.1 A; Tj = 125 C VD = VDRM(max); Tj = 125 C
DYNAMIC CHARACTERISTICS
Tj = 25 C unless otherwise stated SYMBOL dVD/dt dVcom/dt tgt PARAMETER Critical rate of rise of off-state voltage Critical rate of change of commutating voltage Gate controlled turn-on time CONDITIONS VDM = 67% VDRM(max); Tj = 125 C; exponential waveform; gate open circuit VDM = 400 V; Tj = 95 C; IT(RMS) = 25 A; dIcom/dt = 9 A/ms; gate open circuit ITM = 30 A; VD = VDRM(max); IG = 0.1 A; dIG/dt = 5 A/s MIN. 100 TYP. 300 10 2 MAX. UNIT V/s V/s s
July 2001
3
Rev 1.000
Philips Semiconductors
Product specification
Triacs
MAC223 series
40
Ptot / W
Tmb(max) / C
85
30 25
IT(RMS) / A
BTA140 91 C
= 180 30
1
120 90 60
95
20
105
20
30
15 10
10
115
5
0 125 30
0
5
10
15 IT(RMS) / A
20
25
0 -50
0
50 Tmb / C
100
150
Fig.1. Maximum on-state dissipation, Ptot, versus rms on-state current, IT(RMS), where = conduction angle.
ITSM / A
Fig.4. Maximum permissible rms current IT(RMS) , versus mounting base temperature Tmb.
IT(RMS) / A
1000
50
40
30
100 dI T /dt limit T2- G+ quadrant IT T 10 10us I TSM time
20
10
Tj initial = 25 C max 100us 1ms T/s 10ms 100ms
0 0.01
0.1 1 surge duration / s
10
Fig.2. Maximum permissible non-repetitive peak on-state current ITSM, versus pulse width tp, for sinusoidal currents, tp 20ms.
ITSM / A IT 150 T ITSM time
Fig.5. Maximum permissible repetitive rms on-state current IT(RMS), versus surge duration, for sinusoidal currents, f = 50 Hz; Tmb 91C.
VGT(Tj) VGT(25 C)
200
1.6 1.4 1.2 1 0.8
Tj initial = 25 C max 100
50
0.6
0
1
10 100 Number of cycles at 50Hz
1000
0.4 -50
0
50 Tj / C
100
150
Fig.3. Maximum permissible non-repetitive peak on-state current ITSM, versus number of cycles, for sinusoidal currents, f = 50 Hz.
Fig.6. Normalised gate trigger voltage VGT(Tj)/ VGT(25C), versus junction temperature Tj.
July 2001
4
Rev 1.000
Philips Semiconductors
Product specification
Triacs
MAC223 series
5
IGT(Tj) IGT(25 C) T2+ G+ T2+ GT2- GT2- G+
80 70
IT / A Tj = 125 C Tj = 25 C
BTA140
4
60 Vo = 1.073 V
Rs = 0.015 ohms
typ
max
50
3
40
2
30 20
1
10 0
0 -50
0
50 Tj / C
100
150
0
0.5
1
1.5 VT / V
2
2.5
3
Fig.7. Normalised gate trigger current IGT(Tj)/ IGT(25C), versus junction temperature Tj.
IL(Tj) IL(25 C)
Fig.10. Typical and maximum on-state characteristic.
10
Zth j-mb (K/W)
BTA140
3 2.5 2 1.5 1
1
unidirectional bidirectional
0.1
P D tp
0.01
0.5 0 -50
0.001 10us 0.1ms 1ms 10ms tp / s 0.1s 1s
t
0
50 Tj / C
100
150
10s
Fig.8. Normalised latching current IL(Tj)/ IL(25C), versus junction temperature Tj.
IH(Tj) IH(25C)
Fig.11. Transient thermal impedance Zth j-mb, versus pulse width tp.
dV/dt (V/us)
1000
3 2.5 2 1.5 1 0.5
off-state dV/dt limit 100
dIcom/dt = 25 A/ms 10
20
15
12
9.0
7.0
0 -50
0
50 Tj / C
100
150
1
0
50 Tj / C
100
150
Fig.9. Normalised holding current IH(Tj)/ IH(25C), versus junction temperature Tj.
Fig.12. Typical commutation dV/dt versus junction temperature, parameter commutation dIT/dt. The triac should commutate when the dV/dt is below the value on the appropriate curve for pre-commutation dIT/dt.
July 2001
5
Rev 1.000
Philips Semiconductors
Product specification
Triacs
MAC223 series
Dimensions in mm Net Mass: 2 g
4,5 max 10,3 max
1,3
3,7 2,8
5,9 min
15,8 max
3,0 max not tinned
3,0
13,5 min
1,3 max 1 2 3 (2x)
2,54 2,54
0,9 max (3x)
0,6 2,4
Fig.13. SOT78 (TO220AB). pin 2 connected to mounting base.
Notes 1. Refer to mounting instructions for SOT78 (TO220) envelopes. 2. Epoxy meets UL94 V0 at 1/8".
July 2001
6
Rev 1.000
Philips Semiconductors
Product specification
Triacs
DEFINITIONS
Data sheet status Objective specification Product specification Limiting values
MAC223 series
This data sheet contains target or goal specifications for product development. This data sheet contains final product specifications.
Preliminary specification This data sheet contains preliminary data; supplementary data may be published later.
Limiting values are given in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of this specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. (c) Philips Electronics N.V. 2001 All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, it is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent or other industrial or intellectual property rights.
LIFE SUPPORT APPLICATIONS
These products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale.
July 2001
7
Rev 1.000
Philips Semiconductors - a worldwide company
Contact information For additional information please visit http://www.semiconductors.philips.com. Fax: +31 40 27 24825 For sales offices addresses send e-mail to: sales.addresses@www.semiconductors.philips.com.
(c) Koninklijke Philips Electronics N.V. 2001
SCA73
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights.
Printed in The Netherlands
XXXXXX/700/02/pp8
Date of release: July
2001
Document order number:
9397 750 08942


▲Up To Search▲   

 
Price & Availability of MAC223A6

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X